データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN840 データシート(PDF) 17 Page - STMicroelectronics

部品番号 STSPIN840
部品情報  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 データシート(HTML) 17 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 13Page - STMicroelectronics STSPIN840 Datasheet HTML 14Page - STMicroelectronics STSPIN840 Datasheet HTML 15Page - STMicroelectronics STSPIN840 Datasheet HTML 16Page - STMicroelectronics STSPIN840 Datasheet HTML 17Page - STMicroelectronics STSPIN840 Datasheet HTML 18Page - STMicroelectronics STSPIN840 Datasheet HTML 19Page - STMicroelectronics STSPIN840 Datasheet HTML 20Page - STMicroelectronics STSPIN840 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DocID031835 Rev 1
17/28
STSPIN840
Detailed description
28
TOFF adjustment
The OFF time is adjusted through an external resistor connected between the TOFF pin and
ground as shown in Figure 7.
Figure 7. OFF time regulation circuit
The relation between the OFF time and the external resistor value is shown in the graph of
Figure 8. The value typically ranges from 10 µs to 150 µs.
The recommended value for ROFF is in the range between 5 k and 180 k.
Figure 8. OFF time vs ROFF value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28