データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7576B データシート(PDF) 12 Page - STMicroelectronics

部品番号 TDA7576B
部品情報  Dual bridge MOSFET power amplifier for 24 V systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7576B データシート(HTML) 12 Page - STMicroelectronics

Back Button TDA7576B Datasheet HTML 8Page - STMicroelectronics TDA7576B Datasheet HTML 9Page - STMicroelectronics TDA7576B Datasheet HTML 10Page - STMicroelectronics TDA7576B Datasheet HTML 11Page - STMicroelectronics TDA7576B Datasheet HTML 12Page - STMicroelectronics TDA7576B Datasheet HTML 13Page - STMicroelectronics TDA7576B Datasheet HTML 14Page - STMicroelectronics TDA7576B Datasheet HTML 15Page - STMicroelectronics TDA7576B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Principle of operation
TDA7576B
12/17
Doc ID 023511 Rev 3
where VL1,2 is the voltage across speaker 1 or 2, G is the gain of the amplifiers and RL is the
load resistance (supposed identical for the two speakers).
In the common practice the two channels of the amplifier are used for the left and the right
audio parts of the stereo signal, and therefore the two outputs are not identical. This means
that it is never mathematically true that all the current into one speaker comes from the other
speaker, so the HVcc buffer will always have to provide a certain amount of difference
current.
Apart from the fact that the left and the right audio channels are not identical unless the
program is monophonic, other reasons why the HVcc buffer has to provide current are:
imbalance in the level of the L and the R channel, equalization-induced delay in one channel
compared to the other.
The current provided by the HVCC buffer leads to non-negligible power dissipation inside
the IC: this should be added to power dissipation the output stages 1 and 2. It is necessary
to keep this additional dissipation in mind when dimensioning the car-radio heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17