データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L476G-DISCO データシート(PDF) 20 Page - STMicroelectronics

部品番号 STM32L476G-DISCO
部品情報  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476G-DISCO データシート(HTML) 20 Page - STMicroelectronics

Back Button STM32L476G-DISCO Datasheet HTML 16Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 17Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 18Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 19Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 20Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 21Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 22Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 23Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Demonstration functional description
UM1919
20/37
DocID028080 Rev 1
4.4.4
Audio player
Overview
The audio player module application allows to demonstrate the audio capability of the
STM32L476VGT6 MCU with earphones plugged in the 3.5mm audio output jack mounted
on the STM32L476G discovery board.
Figure 14. Audio player application menu selection
Features
•
Audio is played in .wav format.
•
The audio file selection is done either from the internal Flash memory or Quad-SPI
Flash memory:
–
Internal Flash memory: Download file at address 0x08020000 with ST-Link Utility
–
Quad-SPI Flash memory: Audio source available after execution of the audio
Record application
•
Volume up/down is controlled with the joystick UP/DOWN keys.
•
Playback may be paused/resumed with the joystick SEL key.
Architecture
Figure 15 shows the different audio player parts and their connections and interactions with
the external components.
Figure 15. Audio player architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37