データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADIN1300BCPZ-R7 データシート(PDF) 28 Page - Analog Devices

部品番号 ADIN1300BCPZ-R7
部品情報  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 データシート(HTML) 28 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 28 of 79
PHY Configuration
The PHY_CFG1 and PHY_CFG0 hardware configuration pins
are shared with the LINK_ST and LED_0 functional pins,
respectively. These hardware configuration pins cover the
following functions and can be configured according to Table 23:
•
Forced/advertised PHY speed
•
Software power-down mode after reset
•
Downspeed enable
•
Energy detect power-down (EDPD) mode
•
EEE enable
The PHY_CFG1 pin and PHY_CFG0 pin have no internal pull-
up resistors, so external resistors must be used to configure
these functions.
Table 23. PHY Configuration
Forced/
Advertised
PHY Speed Configuration
Other Functions
Enabled1
PHY_CFG1
PHY_CFG0
Row
No.
Advertised Speeds
(Autonegotiation Enabled)
10 half duplex (HD)/full duplex (FD),
100 HD/FD, and 1000 FD slave
Downspeed,
EDPD, and EEE
MODE_4
MODE_4
1
10 HD/FD, 100 HD/FD, and 1000 FD slave
MODE_1
MODE_4
2
10 HD/FD, 100 HD/FD, and 1000 FD master
MODE_2
MODE_4
3
10 HD/FD, 100 HD/FD, and 1000 FD slave
Software power-down
mode after reset
MODE_3
MODE_4
4
10 HD/FD and 100 HD/FD
MODE_4
MODE_2
5
10 FD and 100 FD
MODE_4
MODE_3
6
100 FD and 1000 FD slave
MODE_4
MODE_1
7
100 FD and 1000 FD master
MODE_3
MODE_1
8
100 FD
MODE_1
MODE_1
9
1000 FD slave
MODE_2
MODE_1
10
1000 FD master
MODE_3
MODE_2
11
Forced Speed
(Autonegotiation Disabled)
10 FD
MODE_1
MODE_2
12
100 HD
MODE_2
MODE_2
13
100 FD
MODE_3
MODE_3
14
1
If no function is listed in this column, then only the PHY speed is configured using this row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79