| データシートサーチシステム |
|
ADM7155ARDZ-01-R7 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM7155ARDZ-01-R7 データシート(HTML) 12 Page - Analog Devices |
|
12 / 24 page ![]() ADM7155 Data Sheet Rev. C | Page 12 of 24 CH1 200mA Ω BW CH2 5mV BW M4.0µs A CH1 212mA T 10.2% 1 2 T Figure 35. Load Transient Response, ILOAD = 10 mA to 510 mA, VOUT = 3.3 V, VIN = 3.8 V, CH1 = IOUT, CH2 = VOUT CH1 200mA Ω BW CH2 5mV BW M4.0µs A CH1 212mA T 10.2% 1 2 T Figure 36. Load Transient Response, ILOAD = 100 mA to 600 mA, VOUT = 3.3 V, VIN = 3.8 V, CH1 = IOUT, CH2 = VOUT CH1 200mA Ω BW CH2 5mV BW M4.0µs A CH1 204mA T 10.4% 1 2 T Figure 37. Load Transient Response, ILOAD = 10 mA to 510 mA, VOUT = 1.8 V, VIN = 2.3 V, CH1 = IOUT, CH2 = VOUT CH1 200mA Ω BW M4µs A CH1 532mA T 10.6% 1 2 CH2 5mV B W T Figure 38. Load Transient Response, ILOAD = 100 mA to 600 mA, VOUT = 1.8 V, VIN = 2.3 V, CH1 = IOUT, CH2 = VOUT CH1 1V BW M400ns A CH1 4.38V T 10.4% 1 2 CH2 1mV B W T Figure 39. Line Transient Response, 1 V Input Step, ILOAD = 600 mA, VOUT = 3.3 V, VIN = 3.9 V, CH1 = VIN, CH2 = VOUT CH1 1V BW M400ns A CH1 3.5V T 11.4% 1 CH2 1mV B W T 2 Figure 40. Line Transient Response, 1 V Input Step, ILOAD = 600 mA, VOUT = 1.8 V, VIN = 2.4 V, CH1 = VIN, CH2 = VOUT |