データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HS1L-R7Y4KMSRM-G データシート(PDF) 5 Page - IDEC Corporation

部品番号 HS1L-R7Y4KMSRM-G
部品情報  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDEC [IDEC Corporation]
ホームページ  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R7Y4KMSRM-G データシート(HTML) 5 Page - IDEC Corporation

  HS1L-R7Y4KMSRM-G Datasheet HTML 1Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 2Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 3Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 4Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 5Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 6Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 7Page - IDEC Corporation HS1L-R7Y4KMSRM-G Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HS1L Interlock Switches with Solenoid
Circuit Diagrams and Operating Characteristics
Spring Lock Type
Interlock Switch Status
Status 1
Status 2
Status 3
Status 4
Manual Unlock
Door Closed
Machine ready to
operate
Solenoid de-energized
Door Closed
Machine cannot be
operated
Solenoid energized
Door Open
Machine cannot be
operated
Solenoid energized
Door Open
Machine cannot be
operated
Solenoid de-energized
Door Closed
Machine cannot be
operated
Solenoid de-energized
Door Status
UNLOCK
Unlock position
Circuit Diagram (HS1L-DQ4)
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
Door
Closed (locked)
Closed (unlocked)
Open
Open
Closed (unlocked)
HS1L-DQ4
63
64
34
33
22
21
11
12
42
41
(+)
A2
(–)
A1
Door Monitor
(Actuator
inserted)
Lock Monitor
(Solenoid
OFF)
Monitor Circuit:
Monitor Circuit:
Main Circuit:
Main Circuit:
52
51
(+)
X2
(–)
X1
LED
Main Circuit
11–42
ON (closed)
OFF (open)
OFF (open)
OFF (open)
OFF (open)
Main Circuit
21–52
ON (closed)
OFF (open)
OFF (open)
OFF (open)
OFF (open)
Door Monitor
Circuit
(Door Open)
33–34
OFF (open)
OFF (open)
ON (closed)
ON (closed)
OFF (open)
Lock Monitor
Circuit
(unlocked) 63-64
OFF (open)
ON (closed)
ON (closed)
ON (closed)
ON (closed)
Solenoid Power A1-A2
OFF (de-energized)
ON (energized)
ON (energized)
OFF (de-energized)
OFF (de-energized)
Solenoid Lock Type
Interlock Switch Status
Status 1
Status 2
Status 3
Status 4
Manual Unlock
Door Closed
Machine ready to
operate
Solenoid energized
Door Closed
Machine cannot be
operated
Solenoid de-energized
Door Open
Machine cannot be
operated
Solenoid de-energized
Door Open
Machine cannot be
operated
Solenoid energized
Door Closed
Machine cannot be
operated
Solenoid de-energized
to energized
Door Status
UNLOCK
Unlock position
Circuit Diagram (HS1L-DQ4)
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
(–)
(+)
A2
A1
34
63
64
52
51
33
22
21
11
12
42
41
Door
Closed (locked)
Closed (unlocked)
Open
Open
Closed (unlocked)
HS1L-DQ7Y
63
64
34
33
22
21
11
12
42
41
52
51
(+)
A2
(–)
A1
Lock Monitor
(Solenoid
ON)
Monitor Circuit:
Monitor Circuit:
Main Circuit:
Main Circuit:
(+)
X2
(–)
X1
Door Monitor
(Actuator
inserted)
LED
Main Circuit
11–42
ON (closed)
OFF (open)
OFF (open)
OFF (open)
OFF (open)
Main Circuit
21–52
ON (closed)
OFF (open)
OFF (open)
OFF (open)
OFF (open)
Door Monitor
Circuit
(Door Open)
33–34
OFF (open)
OFF (open)
ON (closed)
ON (closed)
OFF (open)
Lock Monitor
Circuit
(unlocked) 63-64
OFF (open)
ON (closed)
ON (closed)
ON (closed)
ON (closed)
Solenoid Power A1-A2
ON (energized)
OFF (de-energized) OFF (de-energized)
ON (energized)
(Note 2)
OFF to ON
(Note 1) (Note 2)
Note 1: Do not attempt manual unlocking while the solenoid is energized.
Note 2: Do not energize the solenoid for a long period of time while the door is open or manually unlocked.
Operation Characteristics (reference)
The operation characteristics show the contact status when the
actuator enters into the center of the entry slot.
The circuit No. 12-41 and 22-51 are interconnected. Use circuits
11-42 and 21-52 for safety circuits (In HS1L-R type, circuit 12-41 is
interconnected.)
30.0
10.0
4.2 (Locked position)
0 (Actuator insertion position)
7.0
Door Monitor Circuit (Door closed,NC)
Lock Monitor Circuit (Locked, NC)
Door Monitor Circuit (Door open, NO)
Main Circuit
Lock Monitor Circuit (Unlocked, NO)
Contacts ON (closed)
Contacts OFF (open)
(Approx. travel in mm)



Html Pages

1 2 3 4 5 6 7 8