| データシートサーチシステム |
|
HS1L-DQ7Y4KMSR-R データシート(PDF) 4 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
HS1L-DQ7Y4KMSR-R データシート(HTML) 4 Page - IDEC Corporation |
|
4 / 8 page ![]() 4 HS1L Interlock Switches with Solenoid Dimensions and Mounting Hole Layouts (mm) Actuator Mounting Reference Position • Asshowninthefigureontheright,themountingreference position of the actuator, when inserted in the interlock switch, is where the actuator stop placed on the actuator lightly touches the interlock switch. Note: After mounting the actuator, remove the actuator cover and stopfilm. Interlock switch when using • L-shaped actuator (HS9Z-A2S) Note: Plug the unused actuator entry slot with the slot plug supplied with the interlock switch. * Install the interlock switch using four mounting screws when using the actuator entry slot vertical to the mounting panel, and three mounting screws when using the actuator entry slot horizontal to the mounting panel. Note:Theactuatorcoverandtheactuatorstopfilmaresuppliedwith the actuator and used when adjusting the actuator position. Remove them after the actuator position has been determined. ∗ When using the actuator entry slot vertical to the mounting panel. 89 4-M5 Screws Interlock Switch Mounting Hole Layout 44.7 89 61 21 4 104 10 36 19.2 88 55.8 33 Actuator Entry Slot (Vertical to mounting panel) Actuator Entry Slot (Horizontal to mounting panel) HS9Z-A1S Actuator Slot Plug (supplied with the switch) (Note) Actuator mounting reference position (3.5±0.5) 5 22 Actuator Cover Rubber Bushing Straight Actuator (HS9Z-A1S) • L-shaped Actuator (HS9Z-A2S) • 18.5 0.8 ø15. 0 49.3 9 Actuator Cover (gray) (Note) Actuator Mounting Hole Layout 2-M5 Screws 11.5 11.5 3 0.8 42.6 (45.1) 20.5 ø5.1 ø15 When mounted (8) Actuator Cover (gray) (Note) Actuator Mounting Hole Layout 2-M5 Screws 17.5 ±0.5 11.5 (51.3) HS9Z-A2S Actuator Actuator Cover Rubber Bushing Actuator mounting reference position Interlock switch when using • straight actuator (HS9Z-A1S) 5 30 20 R3.2 18 2 2-M6 Screws Door Hinge Angle Adjustment Screw (M3 hexagon sockethead bolt) Actuator Stop Film (supplied with the actuator) 11.5 11.5 3 0.8 42.6 (45.1) 20.5 ø5.1 ø15 When mounted (8) Actuator Cover (gray) (Note) Actuator Mounting Hole Layout 2-M5 Screws Angle Adjustable (vertical) Actuator • (HS9Z-A3S) HS9Z-A1S Actuator Acuator Cover Interlock Switch Door Stop Door Stop Acuator Cover Interlock Switch Interlock Switch HS9Z-A2S Actuator HS9Z-A3S Actuator Actuator Stop Film |