データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2D2 データシート(PDF) 8 Page - Honeywell Solid State Electronics Center

部品番号 2D2
部品情報  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2D2 データシート(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 2D2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2D2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
112
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SWITCH GUARD ACCESSORY
A hinged cover on the switch guard helps
avoid inadvertent operation of the display
screen. It is installed in place of the trans-
parent slide-on cap furnished with three-
piece screen. Note: When used with pull-
in coil devices, specify the 2C200 oper-
ator-indicator housings which have the
no-tool relamping feature.
Barrier mount assembly with guard in-
stalled. (Can also be used with all flange
mount units.)
Guard requires a ‘‘lift-to-push’’ response
to operate switch normally.
Order Catalog Listing 2H20
Key:
0,0 = mm
0.00 = inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11