データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PI-EZCONNECT データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 PI-EZCONNECT
部品情報  Pi-EzConnect makes it possible to connect multiple sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

PI-EZCONNECT データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  PI-EZCONNECT Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pi-EzConnect
© 2016 Alchemy Power Inc. All Rights Reserved. 09-16
All information subject to change without notice.
Electronic devices such as pull up
or pull down resistors, LEDs, other
components can easily be
soldered onto the solder points on
the Pi-EzConnect. Sensors can
also be soldered in these locations
if needed.
As an example, the
connection to the I2C
bus is shown below.
Two methods are
displayed. In the first
method, the female
headers are soldered in
the GPIO area, and the
connections are used for
I2C bus.
Note, male headers
have been added in one
half of the 3.3V bus to
power the sensors for
the I2C bus.



Html Pages

1 2 3 4 5 6