| データシートサーチシステム |
|
VM1010-U7-R13 データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VM1010-U7-R13 データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 11 page ![]() Vesper Technologies Inc - Preliminary Version We recommend powering up the microphone in Normal mode (mode pin low), and then entering Wake on Sound mode as needed. System Architecture Control loop for Wake on Sound: Figure 6: Block diagram of an example system built around VM1010 microphone Figure 6 above shows a full-featured system built around the VM1010. The VM1010 wakes up the system when triggered by sound. The DSP or voice processor can be kept in a low-power state when there is no sound to process. |