| データシートサーチシステム |
|
HTP1F45AS データシート(PDF) 9 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
HTP1F45AS データシート(HTML) 9 Page - Emerson Network Power |
|
9 / 10 page ![]() Dry Type Distribution Transformers Visit our website at www.emerson.com or contact Technical Services at (800) 377-4384 with any questions. © July 2020 225 Primary Voltage Interconnect Connect Lines to 480 1-H1 & 2-H2 & 3-H3 H1, H2 & H3 456 4-H1 & 5-H2 & 6-H3 H1, H2 & H3 432 7-H1 & 8-H2 & 9-H3 H1, H2 & H3 Secondary Voltage Interconnect Connect Lines to 380 X1, X2, X3 220 X0, X1, X2, X3 HT79 Series Primary Voltage Connect Taps Connect Lines To 480 1-H1 & 2-H2 & 3-H3 H1, H2, H3 456 4-H1 & 5-H2 & 6-H3 H1, H2, H3 432 7-H1 & 8-H2 & 9-H3 H1, H2, H3 Secondary Voltage Interconnect Connect Lines To 240 X1, X2, X3 120-0-120 X6 to X1-X6-X3 HT5 Series Primary Voltage Interconnect Connect Lines to 480 1-H1 & 2-H2 & 3-H3 H1, H2, H3 456 4-H1 & 5-H2 & 6-H3 H1, H2, H3 432 7-H1 & 8-H2 & 9-H3 H1, H2, H3 Secondary Voltage Connect Lines to 208 X1, X2, & X3 120 X0, X1, X2, X3 HT1 Series 480 Δ Volt Primary 208Y/120 Volt Secondary Taps: 2, 5% FCBN 27 Electrical Connections (Three Phase) 480 Δ Volt Primary 240 Δ w/120 CT Volt Secondary Taps: 2, 5% FCBN 28 480 Δ Volt Primary 380Y/220 Volt Secondary Taps: 2, 5% FCBN 29 Primary Voltage Connect Taps Connect Lines To 208 1-H1 & 2-H2 & 3-H3 H1, H2, H3 198 4-H1 & 5-H2 & 6-H3 H1, H2, H3 187 7-H1 & 8-H2 & 9-H3 H1, H2, H3 Secondary Voltage Connect Lines To 208 X1, X2, & X3 120 X0, X1, X2, X3 HT3 Series 208 Δ Volt Primary 208Y/120 Volt Secondary Taps: 2, 5% FCBN 26 27 Notes: Connect the electrostatic shield to the equipment ground (green) or to both the equipment ground and the system ground (white). Specifications are subject to change without notice. = Earth Ground X1 X1 X2 X2 X3 X3 X0 X0 SHIELD SHIELD H1 H1 H3 H3 H2 H2 4 4 55 6 6 1 1 2 2 3 3 7 7 8 8 9 9 H1 H1 H3 H3 H2 H2 X1 X1 X2 X2 X3 X3 X0 X0 X1 X1 X2 X2 X3 X3 X0 X0 SHIELD SHIELD H1 H1 H3 H3 H2 H2 4 4 5 5 6 6 1 1 2 2 3 3 7 7 8 8 9 9 H1 H1 H3 H3 H2 H2 X1 X1 X2 X2 X3 X3 X0 X0 X1 X1 X2 X2 X3 X3 X0 X0 SHIELD SHIELD H1 H1 H3 H3 H2 H2 4 4 5 5 6 6 1 1 2 2 3 3 7 7 8 8 9 9 H1 H1 H3 H3 H2 H2 X1 X1 X2 X2 X3 X3 X0 X0 X1 X1 X2 X2 X3 X3 X6 X6 SHIELD SHIELD H1 H1 H3 H3 H2 H2 4 4 5 5 6 6 1 1 2 2 3 3 7 7 8 8 9 9 H1 H1 H3 H3 H2 H2 X1 X1 X6 X6 X3 X3 X2 X2 Primary Voltage Connect Taps Connect Lines To 240 1-H1 & 2-H2 & 3-H3 H1, H2, H3 228 4-H1 & 5-H2 & 6-H3 H1, H2, H3 216 7-H1 & 8-H2 & 9-H3 H1, H2, H3 Secondary Voltage Connect Lines To 208 X1, X2, & X3 120 X0, X1, X2, X3 HT6 Series 240 Δ Volt Primary 208Y/120 Volt Secondary Taps: 2, 5% FCBN 25 X1 X1 X2 X2 X3 X3 X0 X0 SHIELD SHIELD H1 H1 H3 H3 H2 H2 4 4 5 5 6 6 1 1 2 2 3 3 7 7 8 8 9 9 H1 H1 H3 H3 H2 H2 X1 X1 X2 X2 X3 X3 X0 X0 |