| データシートサーチシステム |
|
SC-PA データシート(PDF) 12 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
SC-PA データシート(HTML) 12 Page - Linx Technologies |
|
12 / 16 page ![]() Page 12 ANTENNA CONSIDERATIONS The SC-PA transceivers feature a unique RP-SMA antenna connector. This connector is designed to allow the convenience and flexibility of a detachable antenna while maintaining compliance with FCC guidelines. Linx and other manufacturers sell a variety of antenna styles and connectors designed to mate with the module’s RP-SMA connection. It is important to note, however, that the module must be used with the appropriate Linx antennas in order to retain its pre-approved status. Other antennas may be used; however, recertification would be necessary prior to offering the product for sale. The antennas pictured below illustrate styles that would be commonly employed. Please contact Linx or visit www.linxtechnologies.com for the most current information on compliant antenna styles. ;; ;; yy yy ;; yy ; y ; y ;; ;; yy yy ;; ;; yy yy Clamps into molded case Clamps into molded case Flange hides hole Serves as rear flange Plastic/Metal Case Use of nut optional Figure 9: Compatible Linx Antenna Styles Figure 10: Mounting Options CW RH RCS RCL The following general rules should help in maximizing antenna performance: 1. Proximity to objects such as a user’s hand or body, or metal objects will cause an antenna to detune. For this reason the antenna shaft and tip should be positioned as far away from such objects as possible. 2. Keep the antenna away from other metal components, particularly large items like transformers, batteries, and PCB tracks and ground-planes. The space around the antenna can be as important as the antenna itself. 3. The ground-plane acts as a counterpoise, forming, in essence, a 1/2-wave dipole. For this reason adequate ground-plane area is essential. As a general rule the ground-plane to be used as counterpoise should have a surface area ≥ the overall length of the 1/4-wave radiating element. 4. Remove the antenna as far as possible from potential interference sources. Any frequency of sufficient amplitude to enter the receiver’s front end will reduce system range, cause increased bit errors, and can even prevent reception entirely. There are many possible sources of internally generated interference. Switching power supplies, oscillators, even relays can also be significant sources of potential interference. |