| データシートサーチシステム |
|
ANT-W63-MON-RPS データシート(PDF) 11 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63-MON-RPS データシート(HTML) 11 Page - Linx Technologies |
|
11 / 24 page ![]() 11 Datasheet ANT-W63-MON-ccc Radiation Efficiency Radiation efficiency (Figure 15), shows the ratio of power delivered to the antenna relative to the power radiated at the antenna, expressed as a percentage, where a higher percentage indicates better performance at a given frequency. 0 10 20 30 40 50 60 70 80 90 100 2400 2700 3000 3300 3600 3900 4200 4500 4800 5100 5400 5700 6000 6300 6600 6900 7200 Frequency (MHz) Figure 15. ANT-W63-MON Antenna Efficiency, Straight Average Gain Average gain (Figure 14), is the average of all antenna gain in 3-dimensional space at each frequency, providing an indication of overall performance without expressing antenna directionality. -20 -15 -10 -5 0 5 10 2400 2700 3000 3300 3600 3900 4200 4500 4800 5100 5400 5700 6000 6300 6600 6900 7200 Frequency (MHz) Figure 14. ANT-W63-MON Antenna Average Gain, Straight |