| データシートサーチシステム |
|
M62705ML データシート(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M62705ML データシート(HTML) 3 Page - Mitsubishi Electric Semiconductor |
|
3 / 3 page ![]() M62705ML,SL MITSUBISHI Dig./Ana.INTERFACE VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES ( / 3 ) PRELIMINARY PRELIMINARY Notice:This is not a final specification. Some parametric limits are subject to change. Example of application circuit Reset Circuit of M627XX Series Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury,fire or property damage.Remember to give due consideration to safety when making your circuit design,in order to prevent fires from spreading,redundancy,malfunction or other mishap. ! 3 M627XX RL Cd OUTPUT SUPPLY VOLTAGE GND RESET(RESET) LOGIC CIRCUIT VCC GND SUPPLY VOLTAGE This IC can be used whether or not a pull-up resistor is included in the logic circuit. Note 1. Note 2. The logic circuit preferably should not have a pull-down resistor. However in the case it has the resistor, the load resistor RL must be much less than the pull-down resistor. (refer to the above application circuit) |