| データシートサーチシステム |
|
74V1G77CTR データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V1G77CTR データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() 74V1G77 2/10 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE (*) Q output is latched at the time when the le input is taken low logic level. ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 30% to 70% of VCC PIN N° SYMBOL NAME QND FUNCTION 1 D Data Input 2 LE Latch Enable Input 4 Q Data Output 3 GND Ground (0V) 5 VCC Positive Supply Voltage DLE Q L L No Change * H L No Change * LH Qn HH Qn Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current -20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 260 °C Symbol Parameter Value Unit VCC Supply Voltage 2to 5.5 V VI Input Voltage 0to 5.5 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 1) (VCC =3.3 ± 0.3V) (VCC =5.0 ± 0.5V) 0 to 100 0to 20 ns/V ns/V |