| データシートサーチシステム |
|
S12SCIV2 データシート(PDF) 22 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2 データシート(HTML) 22 Page - Motorola, Inc |
|
22 / 124 page ![]() MC9S12DT128B Device User Guide — V01.07 22 1.5.1 Detailed Register Map $0000 - $000F MEBI map 1 of 3 (Core User Guide) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0000 PORTA Read: Bit 7 654321 Bit 0 Write: $0001 PORTB Read: Bit 7 654321 Bit 0 Write: $0002 DDRA Read: Bit 7 654321 Bit 0 Write: $0003 DDRB Read: Bit 7 654321 Bit 0 Write: $0004 Reserved Read: 00000000 Write: $0005 Reserved Read: 00000000 Write: $0006 Reserved Read: 00000000 Write: $0007 Reserved Read: 00000000 Write: $0008 PORTE Read: Bit 7 65432 Bit 1 Bit 0 Write: $0009 DDRE Read: Bit 7 6543 Bit 2 00 Write: $000A PEAR Read: NOACCE 0 PIPOE NECLK LSTRE RDWE 00 Write: $000B MODE Read: MODC MODB MODA 0 IVIS 0 EMK EME Write: $000C PUCR Read: PUPKE 00 PUPEE 00 PUPBE PUPAE Write: $000D RDRIV Read: RDPK 00 RDPE 00 RDPB RDPA Write: $000E EBICTL Read: 0000000 ESTR Write: $000F Reserved Read: 00000000 Write: $0010 - $0014 MMC map 1 of 4 (Core User Guide) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0010 INITRM Read: RAM15 RAM14 RAM13 RAM12 RAM11 00 RAMHAL Write: $0011 INITRG Read: 0 REG14 REG13 REG12 REG11 000 Write: $0012 INITEE Read: EE15 EE14 EE13 EE12 000 EEON Write: $0013 MISC Read: 0000 EXSTR1 EXSTR0 ROMHM ROMON Write: $0014 MTST0 Test Only Read: Bit 7 654321 Bit 0 Write: |