データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN2540N8-G データシート(PDF) 8 Page - Microchip Technology

部品番号 TN2540N8-G
部品情報  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2540N8-G データシート(HTML) 8 Page - Microchip Technology

Back Button TN2540N8-G Datasheet HTML 4Page - Microchip Technology TN2540N8-G Datasheet HTML 5Page - Microchip Technology TN2540N8-G Datasheet HTML 6Page - Microchip Technology TN2540N8-G Datasheet HTML 7Page - Microchip Technology TN2540N8-G Datasheet HTML 8Page - Microchip Technology TN2540N8-G Datasheet HTML 9Page - Microchip Technology TN2540N8-G Datasheet HTML 10Page - Microchip Technology TN2540N8-G Datasheet HTML 11Page - Microchip Technology TN2540N8-G Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TN2540
DS20005954A-page 8
2020 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
3-lead TO-92
YWWNNN
XXXXXX
XX e3
Example
023145
TN2540
N3 e3
3-lead SOT-89
Example
XXXXYWW
NNN
TN5D015
635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14