データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCS2113-1-V/G4 データシート(PDF) 55 Page - Microchip Technology

部品番号 UCS2113-1-V/G4
部品情報  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 データシート(HTML) 55 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 51Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 52Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 53Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 54Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 55Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 56Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 57Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 58Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 55
UCS2113
Microchip Technology Drawing C04-126-G4 Rev D Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.20 REF
2.60
0.30
0.18
0.80
0.00
0.25
0.40
2.70
0.90
0.02
4.00 BSC
MILLIMETERS
MIN
NOM
20
2.80
0.50
0.30
1.00
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
20-Lead Plastic Quad Flat, No Lead Package (G4) - 4x4 mm Body [QFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Also called VQFN
Overall Length
Exposed Pad Length
D
D2
2.60
4.00 BSC
2.70
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62