データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCS2113-2-V/G4 データシート(PDF) 52 Page - Microchip Technology

部品番号 UCS2113-2-V/G4
部品情報  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 データシート(HTML) 52 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 48Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 49Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 50Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 51Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 52Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 53Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 54Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 55Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
UCS2113
DS20005680B-page 52
 2016-2021 Microchip Technology Inc. and its subsidiaries
8.11
Revision Register
The Revision register stores an 8-bit value that
represents the part revision.
REGISTER 8-21:
REVISION REGISTER (ADDRESS FFH)
R-1
R-0
R-0
R-0
R-0
R-0
R-0
R-1
REV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
REV<7:0>: Part Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62