データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCS2113T-2-V/G4 データシート(PDF) 53 Page - Microchip Technology

部品番号 UCS2113T-2-V/G4
部品情報  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 データシート(HTML) 53 Page - Microchip Technology

Back Button UCS2113T-2-V/G4 Datasheet HTML 49Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 50Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 51Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 52Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 53Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 54Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 55Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 56Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 53
UCS2113
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Example
20-Lead QFN (4x4x0.9 mm)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
UCS
2113-1
151256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62