データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPSM82821 データシート(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPSM82821
部品情報  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 データシート(HTML) 45 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 41Page - Texas Instruments TPSM82821 Datasheet HTML 42Page - Texas Instruments TPSM82821 Datasheet HTML 43Page - Texas Instruments TPSM82821 Datasheet HTML 44Page - Texas Instruments TPSM82821 Datasheet HTML 45Page - Texas Instruments TPSM82821 Datasheet HTML 46Page - Texas Instruments TPSM82821 Datasheet HTML 47Page - Texas Instruments TPSM82821 Datasheet HTML 48Page - Texas Instruments TPSM82821 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
13.1 Tape and Reel Information
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPSM82821SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM82821ASILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828211SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828212SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828213SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828214SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM82822SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM82822ASILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828221SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828222SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828223SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM828224SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM82823SILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
TPSM82823ASILR
uSiP
SIL
10
3000
330.0
8.4
2.25
2.75
1.25
4.0
8.0
Q1
www.ti.com
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54