| データシートサーチシステム |
|
ANT-2/5-VDP-2000-RPS データシート(PDF) 3 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-2/5-VDP-2000-RPS データシート(HTML) 3 Page - Linx Technologies |
|
3 / 8 page ![]() 3 Datasheet VDP Industrial Series ANT-2/5-VDP-2000-ccc VSWR Figure 2 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 1 2 3 4 5 2000 2500 3000 3500 4000 4500 5000 5500 6000 Frequency (MHz) Figure 2. ANT- 2/5-VDP-2000 VSWR with Frequency Band Highlights Return Loss Return loss (Figure 3), represents the loss in power at the antenna due to reflected signals. Like VSWR, a lower return loss value indicates better antenna performance at a given frequency. -30 -25 -20 -15 -10 -5 0 2000 2500 3000 3500 4000 4500 5000 5500 6000 Frequency (MHz) Figure 3. ANT- 2/5-VDP-2000 Return Loss with Frequency Band Highlights |