データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PREF7050QFKHT データシート(PDF) 31 Page - Texas Instruments

部品番号 PREF7050QFKHT
部品情報  REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PREF7050QFKHT データシート(HTML) 31 Page - Texas Instruments

Back Button PREF7050QFKHT Datasheet HTML 27Page - Texas Instruments PREF7050QFKHT Datasheet HTML 28Page - Texas Instruments PREF7050QFKHT Datasheet HTML 29Page - Texas Instruments PREF7050QFKHT Datasheet HTML 30Page - Texas Instruments PREF7050QFKHT Datasheet HTML 31Page - Texas Instruments PREF7050QFKHT Datasheet HTML 32Page - Texas Instruments PREF7050QFKHT Datasheet HTML 33Page - Texas Instruments PREF7050QFKHT Datasheet HTML 34Page - Texas Instruments PREF7050QFKHT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
12 Layout
12.1 Layout Guidelines
Figure 12-1 illustrates an example of a PCB layout for a data acquisition system using the REF70. Some key
considerations are:
• Connect low-ESR, 0.1-μF ceramic bypass capacitors at VIN of the REF70.
• Connect low-ESR, 1-uF to 100-uF capacitor at OUTF of the REF70.
• Decouple other active devices in the system per the device specifications.
• Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup.
• Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
12.2 Layout Example
Copyright © 2020, Texas Instruments Incorporated
GND
VIN
EN
GND
GND
OUTF
OUTS
GND
1
2
3
4
8
7
6
5
CL
CIN
Analog GND
Input Voltage
VREF
Enable Control
Figure 12-1. Layout Example
www.ti.com
REF70
SNAS781D – OCTOBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40