データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ANT-8/9-VDP-2000-RPS データシート(PDF) 3 Page - Linx Technologies

部品番号 ANT-8/9-VDP-2000-RPS
部品情報  Remote Adhesive-Mount 868 MHz/915 MHz Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINX [Linx Technologies]
ホームページ  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-8/9-VDP-2000-RPS データシート(HTML) 3 Page - Linx Technologies

  ANT-8/9-VDP-2000-RPS Datasheet HTML 1Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 2Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 3Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 4Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 5Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 6Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 7Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Datasheet
VDP Industrial Series
ANT-8/9-VDP-2000-ccc
VSWR
Figure 2 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes
the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna
performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of
the percentage of transmitter power reflected back from the antenna.
0
10
20
30
40
1
2
3
4
5
850
870
890
910
930
950
Frequency (MHz)
Figure 2. ANT- 8/9-VDP-2000 VSWR with Frequency Band Highlights
Return Loss
Return loss (Figure 3), represents the loss in power at the antenna due to reflected signals. Like VSWR, a
lower return loss value indicates better antenna performance at a given frequency.
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
850
870
890
910
930
950
Frequency (MHz)
Figure 3. ANT- 8/9-VDP-2000 Return Loss with Frequency Band Highlights



Html Pages

1 2 3 4 5 6 7 8