| データシートサーチシステム |
|
AS3715 データシート(PDF) 65 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3715 データシート(HTML) 65 Page - ams AG |
|
65 / 160 page ![]() ams Datasheet, Confidential Page 65 [v1-00] 2014-Sep-10 Document Feedback AS3715 − Detailed Description – System Functions GPIO Pins Description The device contains 8 GPIO pins. Each of the pins can be configured as digital input, digital input (with pull-up or pull-down), ADC input (tri-state only for GPIO3,4,7 & 8), push-pull output (selectable lower or higher GPIO supply), or open drain output (with or without pull-up). When configured as output the output source can be a register bit, or the PWM generator. The polarity of the input and output signals can be inverted with the corresponding gpioX_invert bit, all further descriptions refer to normal (non-inverted) mode. GPIO7 & 8 have no special IO functionality, they just provide gpioX_in/out function. Figure 67: GPIO Functions GPIO Functions: Gives an overview which functions are available on which GPIOs. Function GPIO 1 2 3 4 5 6 7 8 Accessible via OTP during start-up x x x x Accessible during stand-by entry/leave x x x x Regulator ON/OFF control configurable in OTP x Regulator ON/OFF control configurable after start-up x x x IO special functions available x x x x x x ADC input function x x x x |