データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS89010 データシート(PDF) 39 Page - ams AG

部品番号 AS89010
部品情報  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS89010 データシート(HTML) 39 Page - ams AG

Back Button AS89010 Datasheet HTML 34Page - ams AG AS89010 Datasheet HTML 35Page - ams AG AS89010 Datasheet HTML 36Page - ams AG AS89010 Datasheet HTML 37Page - ams AG AS89010 Datasheet HTML 38Page - ams AG AS89010 Datasheet HTML 39Page - ams AG AS89010 Datasheet HTML 40Page - ams AG AS89010 Datasheet HTML 41Page - ams AG AS89010 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 38 of 41
AS89010
V3.11
9 NOTES FOR PCB LAYOUT
The connections to the inputs IN0…IN3 of the AS89010 have to be protected against any
kind of electromagnetic coupling and have to be guarded with VRT potential to avoid leak-
age currents. Without guarding layers at the inputs the isolation resistance of the PCB
gives leakage currents with equivalent values like the sensor currents!
The analog supply for AS89010 must be placed as close as possible to the converter. The connection
between the analog and digital ground should be beneath (LP level) and/or near the AS89010.
Digital signals and circuit lines with high current loads must not be used directly beneath and next to the
photodiode sensor as well as the AS89010.
The AS89010 converter operates internally with minimal currents (pAmps). Therefore, protection measures
need to be performed to shield the ASIC against EMC stress or external interferences.
The connections between the photodiode sensor (anode and de) and the AS89010 should be as short as
possible (<10 mm) and without interlayer connections.
Photodiode Sensor, AS89010 and its REXT should be placed on the same PCB side. The signal VRT (common
cathode or common anode) should have the same cross-section as the four sensor connectors.
Around signal lines a conductor connected with VRT should be created. One level below the signals a VRT
potential area should be created that extends only to the analog inputs and the signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42