データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB4715/Y9X データシート(PDF) 25 Page - Microchip Technology

部品番号 USB4715/Y9X
部品情報  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715/Y9X データシート(HTML) 25 Page - Microchip Technology

Back Button USB4715/Y9X Datasheet HTML 21Page - Microchip Technology USB4715/Y9X Datasheet HTML 22Page - Microchip Technology USB4715/Y9X Datasheet HTML 23Page - Microchip Technology USB4715/Y9X Datasheet HTML 24Page - Microchip Technology USB4715/Y9X Datasheet HTML 25Page - Microchip Technology USB4715/Y9X Datasheet HTML 26Page - Microchip Technology USB4715/Y9X Datasheet HTML 27Page - Microchip Technology USB4715/Y9X Datasheet HTML 28Page - Microchip Technology USB4715/Y9X Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 25
USB4715
8.0
FUNCTIONAL DESCRIPTIONS
This section details various USB4715 functions, including:
• Downstream Battery Charging
• FlexConnect
• USB to GPIO Bridging
• USB to SMBus/I2C Bridging
• USB to SPI Bridging
• USB to UART Bridging
• Link Power Management (LPM)
• Port Power Control
• Resets
8.1
Downstream Battery Charging
The device can be configured by an OEM to have any of the downstream ports support battery charging. The hub’s role
in battery charging is to provide acknowledgment to a device’s query as to whether the hub system supports USB battery
charging. The hub silicon does not provide any current or power FETs or any additional circuitry to actually charge the
device. Those components must be provided externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging specification, the hub can
be configured to indicate the presence of such a supply from the device. This indication, via a handshake on the D+ and
D- at the start of the connection with the device, is on a per port basis. For example, the OEM can configure two ports
to support battery charging through high current power FETs and leave the other two ports as standard USB ports.
For detailed information on utilizing the USB4715 battery charging feature, refer to the application note “USB Battery
Charging with Microchip USB4715 and USB49xx Hubs”, which can be found on the Microchip USB4715 product page
at www.microchip.com/USB4715.
8.2
FlexConnect
The USB4715 allows any of the 4 FlexConnect capable USB ports to assume the role of USB host at any time during
hub operation. This host role exchange feature is called FlexConnect.
This functionality can be used in two primary ways:
1.
Host Swapping: This functionality can be achieved through a hub wherein a host and device can agree to swap
the host/device relationship; The host becomes a device, and the device becomes a host.
2.
Host Sharing: A USB ecosystem can be shared between multiple hosts. Note that only 1 host may access to
the USB tree at a time.
FlexConnect can be enabled through any of the following three methods:
•
SMBus Control: An embedded SMBus master can control the state of the FlexConnect feature through basic
write/read operations.
•
USB Command: FlexConnect can be initiated via a special USB command directed to the hub’s internal Hub
FIGURE 8-1:
BATTERY CHARGING EXTERNAL POWER SUPPLY
SOC
VBUS[n]
PRT_CTL[n]
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47