データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7216 データシート(PDF) 19 Page - Microchip Technology

部品番号 USB7216
部品情報  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 データシート(HTML) 19 Page - Microchip Technology

Back Button USB7216 Datasheet HTML 15Page - Microchip Technology USB7216 Datasheet HTML 16Page - Microchip Technology USB7216 Datasheet HTML 17Page - Microchip Technology USB7216 Datasheet HTML 18Page - Microchip Technology USB7216 Datasheet HTML 19Page - Microchip Technology USB7216 Datasheet HTML 20Page - Microchip Technology USB7216 Datasheet HTML 21Page - Microchip Technology USB7216 Datasheet HTML 22Page - Microchip Technology USB7216 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003143B-page 19
USB7216
Note 3-1
The default function is not used in the USB7216.
PF30
MSTR_I2C_CLK
MSTR_I2C_CLK
PF31
MSTR_I2C_DATA
MSTR_I2C_DATA
Note:
The default
PFx pin functions can be overridden with additional configuration by modification of the pin mux
registers. These changes can be made during the SMBus configuration stage, by programming to OTP
memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave
interface or USB commands to the internal Hub Feature Controller Device.
TABLE 3-5:
PF[31:3] FUNCTION ASSIGNMENT (CONTINUED)
Pin
Configuration 1
(SMBus/I2C)
Configuration 2
(I2S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61