データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7252P/KDX データシート(PDF) 8 Page - Microchip Technology

部品番号 USB7252P/KDX
部品情報  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P/KDX データシート(HTML) 8 Page - Microchip Technology

Back Button USB7252P/KDX Datasheet HTML 4Page - Microchip Technology USB7252P/KDX Datasheet HTML 5Page - Microchip Technology USB7252P/KDX Datasheet HTML 6Page - Microchip Technology USB7252P/KDX Datasheet HTML 7Page - Microchip Technology USB7252P/KDX Datasheet HTML 8Page - Microchip Technology USB7252P/KDX Datasheet HTML 9Page - Microchip Technology USB7252P/KDX Datasheet HTML 10Page - Microchip Technology USB7252P/KDX Datasheet HTML 11Page - Microchip Technology USB7252P/KDX Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
USB7252P
DS00003561A-page 8
2018 - 2020 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
3.1
Pin Assignments
FIGURE 3-1:
USB7252P 100-VQFN PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
Thermal slug connects to VSS
16
15
14
13
12
11
10
9
8
6
5
4
3
2
1
7
75
74
73
72
71
70
68
67
66
65
69
64
63
62
61
60
25
24
23
22
21
20
19
18
17
59
58
57
56
55
54
53
52
51
Microchip
USB7252P
(Top View 100-VQFN)
RESET_N
DP1_VBUS_MON
PF31
DP1_CC1
USB3DN_RXDM1A
USB3DN_RXDP1A
VCORE
USB3DN_TXDM1A
USB3DN_TXDP1A
USB2DN_DM1/PRT_DIS_M1
PF30
USB3DN_RXDM1B
USB2DN_DP1/PRT_DIS_P1
USB3DN_RXDP1B
VCORE
USB3DN_TXDM1B
USB3DN_TXDP1B
USB2DN_DM4/PRT_DIS_M4
USB2DN_DP4/PRT_DIS_P4
DP1_CC2
CFG_STRAP1
CFG_STRAP2
CFG_STRAP3
TESTEN
VCORE
PF17
SPI_D3/PF25
SPI_D0/CFG_BC_EN/PF22
SPI_CLK/PF21
VDD33
SPI_D1/PF23
PF19
PF26
TEST3
SPI_CE_N/CFG_NON_REM/PF20
TEST1
PF10
PF13
VDD33
TEST2
SPI_D2/PF24
PF18
PF15
PF16
VDD33
VCORE
PF12
PF29
PF11
PF14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64