データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7252PT/KDX データシート(PDF) 56 Page - Microchip Technology

部品番号 USB7252PT/KDX
部品情報  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252PT/KDX データシート(HTML) 56 Page - Microchip Technology

Back Button USB7252PT/KDX Datasheet HTML 52Page - Microchip Technology USB7252PT/KDX Datasheet HTML 53Page - Microchip Technology USB7252PT/KDX Datasheet HTML 54Page - Microchip Technology USB7252PT/KDX Datasheet HTML 55Page - Microchip Technology USB7252PT/KDX Datasheet HTML 56Page - Microchip Technology USB7252PT/KDX Datasheet HTML 57Page - Microchip Technology USB7252PT/KDX Datasheet HTML 58Page - Microchip Technology USB7252PT/KDX Datasheet HTML 59Page - Microchip Technology USB7252PT/KDX Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
USB7252P
DS00003561A-page 56
2018 - 2020 Microchip Technology Inc.
10.0 PACKAGE OUTLINE
10.1 Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend: i
Temperature range designator (Blank = commercial, i = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
100-VQFN (12x12 mm)
PIN 1
 
USB7252Pi
Rnnn e3
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64