データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7252P-I/KDX データシート(PDF) 21 Page - Microchip Technology

部品番号 USB7252P-I/KDX
部品情報  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P-I/KDX データシート(HTML) 21 Page - Microchip Technology

Back Button USB7252P-I/KDX Datasheet HTML 17Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 18Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 19Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 20Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 21Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 22Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 23Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 24Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 21
USB7252P
Note 3-1
The default function is not used in the USB7252P.
PF30
MSTR_I2C_CLK
MSTR_I2C_CLK
MSTR_I2C_CLK
MSTR_I2C_CLK
PF31
MSTR_I2C_DATA
MSTR_I2C_DATA
MSTR_I2C_DATA
MSTR_I2C_DATA
Note:
The default
PFx pin functions can be overridden with additional configuration by modification of the pin mux
registers. These changes can be made during the SMBus configuration stage, by programming to OTP
memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave
interface or USB commands to the internal Hub Feature Controller Device.
TABLE 3-5:
PF[31:2] FUNCTION ASSIGNMENT (CONTINUED)
Pin
Configuration 1
(SMBus/I2C)
Configuration 2
(I2S)
Configuration 3
(UART)
Configuration 4
(GPIO & FlexConnect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64