| データシートサーチシステム |
|
USB7252T-I/KDX データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252T-I/KDX データシート(HTML) 3 Page - Microchip Technology |
|
3 / 65 page ![]() 2018 - 2020 Microchip Technology Inc. DS00002736D-page 3 USB7252 1.0 PREFACE 1.1 General Terms TABLE 1-1: GENERAL TERMS Term Description ADC Analog-to-Digital Converter Byte 8 bits CDC Communication Device Class CSR Control and Status Registers DFP Downstream Facing Port DWORD 32 bits EOP End of Packet EP Endpoint FIFO First In First Out buffer FS Full-Speed FSM Finite State Machine GPIO General Purpose I/O HS Hi-Speed HSOS High Speed Over Sampling Hub Feature Controller The Hub Feature Controller, sometimes called a Hub Controller for short is the internal processor used to enable the unique features of the USB Controller Hub. This is not to be confused with the USB Hub Controller that is used to communicate the hub status back to the Host during a USB session. I2C Inter-Integrated Circuit LS Low-Speed lsb Least Significant Bit LSB Least Significant Byte msb Most Significant Bit MSB Most Significant Byte N/A Not Applicable NC No Connect OTP One Time Programmable PCB Printed Circuit Board PCS Physical Coding Sublayer PHY Physical Layer PLL Phase Lock Loop RESERVED Refers to a reserved bit field or address. Unless otherwise noted, reserved bits must always be zero for write operations. Unless otherwise noted, values are not guaran- teed when reading reserved bits. Unless otherwise noted, do not read or write to reserved addresses. SDK Software Development Kit SMBus System Management Bus UFP Upstream Facing Port UUID Universally Unique IDentifier WORD 16 bits |