データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7252PT-I/KDX データシート(PDF) 5 Page - Microchip Technology

部品番号 USB7252PT-I/KDX
部品情報  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252PT-I/KDX データシート(HTML) 5 Page - Microchip Technology

  USB7252PT-I/KDX Datasheet HTML 1Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 2Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 3Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 4Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 5Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 6Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 7Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 8Page - Microchip Technology USB7252PT-I/KDX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 5
USB7252P
1.3
Pin Reset States
The pin reset state definitions are detailed in Table 1-3. Refer to Section 3.1, Pin Assignments for details on individual
pin reset states.
1.4
Reference Documents
1. Universal Serial Bus Revision 3.2 Specification, http://www.usb.org
2. Battery Charging Specification, Revision 1.2, Dec. 07, 2010, http://www.usb.org
3. I2C-Bus Specification, Version 1.1, http://www.nxp.com/documents/user_manual/UM10204.pdf
4. I2S-Bus Specification, http://www.sparkfun.com/datasheets/BreakoutBoards/I2SBUS.pdf
5. System Management Bus Specification, Version 1.0, http://smbus.org/specs
TABLE 1-3:
PIN RESET STATE LEGEND
Symbol
Description
AI
Analog input
AIO
Analog input/output
AO
Analog output
PD
Hardware enables pull-down
PU
Hardware enables pull-up
Y
Hardware enables function
Z
Hardware disables output driver (high impedance)
PU
Hardware enables internal pull-up
PD
Hardware enables internal pull-down
Note:
Additional USB7252P resources can be found on the Microchip USB7252P product page at www.micro-
chip.com/USB7252P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64