データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ANT-916-WRT-RPS データシート(PDF) 8 Page - Linx Technologies

部品番号 ANT-916-WRT-RPS
部品情報  915 MHz External Panel-Mount Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINX [Linx Technologies]
ホームページ  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-916-WRT-RPS データシート(HTML) 8 Page - Linx Technologies

Back Button ANT-916-WRT-RPS Datasheet HTML 4Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 5Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 6Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 7Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 8Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 9Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 10Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 11Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Datasheet
WRT Series
ANT-916-WRT-ccc
VSWR
Figure 12 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes
the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna
performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge
of the percentage of transmitter power reflected back from the antenna.
0
10
20
30
40
1
2
3
4
5
900
905
910
915
920
925
930
935
Frequency (MHz)
Figure 12. ANT-916-WRT VSWR , Free Space
Free Space, No Ground Plane
The charts on the following pages represent data taken with the antenna oriented in free space without a
ground plane, as shown in Figure 11.
Figure 11. ANT-916-WRT in Free Space, No Ground Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12