データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP7112 データシート(PDF) 21 Page - Analog Devices

部品番号 ADP7112
部品情報  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP7112 データシート(HTML) 21 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 13Page - Analog Devices ADP7112 Datasheet HTML 14Page - Analog Devices ADP7112 Datasheet HTML 15Page - Analog Devices ADP7112 Datasheet HTML 16Page - Analog Devices ADP7112 Datasheet HTML 17Page - Analog Devices ADP7112 Datasheet HTML 18Page - Analog Devices ADP7112 Datasheet HTML 19Page - Analog Devices ADP7112 Datasheet HTML 20Page - Analog Devices ADP7112 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADP7112
Rev. D | Page 21 of 21
OUTLINE DIMENSIONS
A
B
C
0.560
0.500
0.440
0.330
0.300
0.270
0.230
0.200
0.170
0.990
0.950
0.910
1.200
1.160
1.120
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.300
0.260
0.220
0.80
REF
0.40
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.40 BSC
COPLANARITY
0.04
Figure 54. 6-Ball Wafer Level Chip Scale Package [WLCSP]
1.00 mm × 1.20 mm Body
(CB-6-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2, 3
Package Description
Package Option
Branding
ADP7112ACBZ-1.2-R7
−40°C to +125°C
Adjustable (1.2)
6-Ball WLCSP
CB-6-15
CQ
ADP7112ACBZ-1.8-R7
−40°C to +125°C
1.8
6-Ball WLCSP
CB-6-15
CR
ADP7112ACBZ-2.5-R7
−40°C to +125°C
2.5
6-Ball WLCSP
CB-6-15
CS
ADP7112ACBZ-3.3-R7
−40°C to +125°C
3.3
6-Ball WLCSP
CB-6-15
CT
ADP7112ACBZ-5.0-R7
−40°C to +125°C
5.0
6-Ball WLCSP
CB-6-15
CU
ADP7112CB-EVALZ
3.3
WLCSP Evaluation Board
1 Z = RoHS Compliant Part.
2 For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
3 The evaluation boards are preconfigured with an adjustable ADP7112.
©2014–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12508-3/20(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com