データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDEV-FFF-RC データシート(PDF) 12 Page - Linx Technologies

部品番号 MDEV-FFF-RC
部品情報  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINX [Linx Technologies]
ホームページ  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-RC データシート(HTML) 12 Page - Linx Technologies

Back Button MDEV-FFF-RC Datasheet HTML 8Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 9Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 10Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 11Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 12Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 13Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 14Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 15Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 16Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
–
–
–
–
18
19
19. The Submit button writes all changes to the active module.
20. The Set Defaults button restores the active module to factory default
conditions.
The Command Set tab (Figure 17) allows specific commands to be written
to the module.
1. The Command box shows the hexadecimal values that are written to
the module. Values can be typed into the box or a command can be
selected from the Commands menu.
2. The Response box shows the hexadecimal values that are returned
from the module in response to a command.
3. The Commands drop-down menu shows all of the commands that
are available for the active module (Figure 18). Selecting one of the
commands from this menu automatically fills in the Command box. The
values can be adjusted by typing in the box.
4
1
2
3
6
5
Figure 17: The Master Development System Software Command Set Tab
4. The Items drop down menu displays all of the items that are available
for the active module (Figure 19). Selecting one of the items from
this menu automatically fills in the Command box. The values can be
adjusted by typing in the box.
5. Clicking the Send button writes the values in the Command box to the
module.
6. The structure of the selected command and its response is shown
in the main window. Please see the HumRC™ Series Transceiver
Command Data Interface Reference Guide for definitions of each value.
Figure 19: The Master Development System Software Demo Command Set Tab Items Menu
Figure 18: The Master Development System Software Demo Command Set Tab Commands Menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25