データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DEV-15573 データシート(PDF) 4 Page - SparkFun Electronics

部品番号 DEV-15573
部品情報  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPARKFUN [SparkFun Electronics]
ホームページ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 データシート(HTML) 4 Page - SparkFun Electronics

  DEV-15573 Datasheet HTML 1Page - SparkFun Electronics DEV-15573 Datasheet HTML 2Page - SparkFun Electronics DEV-15573 Datasheet HTML 3Page - SparkFun Electronics DEV-15573 Datasheet HTML 4Page - SparkFun Electronics DEV-15573 Datasheet HTML 5Page - SparkFun Electronics DEV-15573 Datasheet HTML 6Page - SparkFun Electronics DEV-15573 Datasheet HTML 7Page - SparkFun Electronics DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Cryptographic Authentication
Cryptography is a large subject matter. There many different types of cryptographic processes, each with their own
different purpose and type of math. In this tutorial, we are focusing on cryptographic authentication. On a very high
level, this usually involves data, digital signatures and verification. First, we must understand what a digital
signature is and how it is created. Second we must understand verification which includes the use of a
private/public key pair. Let's jump into digital signatures!
Digital signatures
A digital signature is quite similar to a hand-written signature. After you write a letter, you add your signature at the
bottom. Just like the hand-written signature, a digital signature is added to your data. When we say "added" we
mean that it is included as a separate chunk of data. So when sending some data with a digital signature, you
would send the data as one piece of data, and then you would also send the digital signature as a separate piece
of data. So this is the first difference to understand: digital signatures are like hand-written signatures, except they
don't live on the same piece of paper (they are a separate chunk of data).
Another big difference: to create a digital signature, you need a bit more than a pen. You actually need three
things:
1. Data: This is the data you want to sign. For this co-processor, we are going to sign 32 bytes of data. This is
essentially your "letter without a signature".
2. A Key: Is simply a unique chunk of data. The key lives on a protected part of the co-processors memory. It
was created during configuration. We will never have access to it. The idea of a single digital key is pretty
straight forward. It parallels the physical door key quite well. The chunk of data is unique, just like the
grooves and cuts of a physical key are unique.
3. An Algorithm: The complex math that we will offload to the co-processor. It is a particular type of
cryptographic math called Elliptic Curve Cryptography (ECC). Using our data and key, this algorithm will
output a digital signature.
One more thing: digital signatures will be different when you change your message. This is pretty different than the
traditional idea of a signature. When we think of hand-written signatures, we think that the entire purpose is for it to
be exactly the same every time. The author should be the only one who can hold the pen like so and make that
unique signature. With digital signatures we need to think a bit differently. Remember that we are sending our
message (and a key) into an algorithm. This will result in a new and different signature if the message or key
changes. In most cases, a digital signature is always unique from all other previous digital signatures.
So that was easy enough, right? Good. Digital signatures aren't so scary now. But what would we want to do with
one of these? Verify it.
Verification
Verification of a digital signature is quite similar verifying a hand-written signature. In both cases, we want to
determine if the signature is authentic. With a hand-written signature, you might just use your eyes to see if it looks
correct. With a digital signature we need to use a bit more than our eyes. We need the data, the signature, a key,
and an algorithm (sound familiar?). Simple enough, right? Well this is where it starts to get slightly more complex.
We need to understand one more concept: the idea of key pairs.
Up until this point, we have called the "key" simply a "key", but to be more accurate, this should be called the
private key. And it is part of a key pair. When we configure the co-processor it actually creates a key pair which
includes two keys: one private key and one public key. These two keys work together, and they allow us to sign



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31