データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP323ACPZ-R7 データシート(PDF) 22 Page - Analog Devices

部品番号 ADP323ACPZ-R7
部品情報  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP323ACPZ-R7 データシート(HTML) 22 Page - Analog Devices

Back Button ADP323ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP323ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 22 of 24
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP322/
ADP323. However, as can be seen from Table 7, a point of
diminishing returns is eventually reached, beyond which an
increase in the copper size does not yield significant heat
dissipation benefits.
Place the input capacitor as close as possible to the VINx and
GND pins. Place the output capacitors as close as possible to
the VOUTx and GND pins. Use 0402 or 0603 size capacitors
and resistors to achieve the smallest possible footprint solution
on boards where area is limited.
Figure 62. Example of PCB Layout, Top Side
Figure 63. Example of PCB Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24