データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1764ACPZ-R7 データシート(PDF) 19 Page - Analog Devices

部品番号 ADP1764ACPZ-R7
部品情報  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1764ACPZ-R7 データシート(HTML) 19 Page - Analog Devices

Back Button ADP1764ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1764ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADP1764
Rev. A | Page 19 of 20
PCB LAYOUT CONSIDERATIONS
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Place the soft start capacitor (CSS) as
close as possible to the SS pin. Place the reference capacitor
(CREF) and regulator capacitor (CREG) as close as possible to the
REFCAP pin and VREG pin, respectively. Connect the load as
close as possible to the VOUT and SENSE pins.
Figure 57. Evaluation Board
Figure 58. Typical Board Layout, Top Side
Figure 59. Typical Board Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20