データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP221ACDZ-1818-R7 データシート(PDF) 16 Page - Analog Devices

部品番号 ADP221ACDZ-1818-R7
部品情報  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP221ACDZ-1818-R7 データシート(HTML) 16 Page - Analog Devices

Back Button ADP221ACDZ-1818-R7 Datasheet HTML 12Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 13Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 14Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 15Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 16Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 17Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 18Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 19Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 16 of 20
PRINTED CIRCUIT BOARD (PCB) LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by
increasing the amount of copper attached to the pins of the
ADP220/ADP221. However, as shown in Table 6, a point of
diminishing returns eventually is reached, beyond which an
increase in the copper size does not yield significant heat
dissipation benefits.
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitors as close as possible to
the VOUT1, VOUT2, and GND pins. Use 0402 or 0603
size capacitors and resistors to achieve the smallest possible
footprint solution on boards where area is limited.
Figure 40. Example of PCB Layout, Top Side
Figure 41. Example of PCB Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20