データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F730V8 データシート(PDF) 2 Page - STMicroelectronics

部品番号 STM32F730V8
部品情報  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 データシート(HTML) 2 Page - STMicroelectronics

  STM32F730V8 Datasheet HTML 1Page - STMicroelectronics STM32F730V8 Datasheet HTML 2Page - STMicroelectronics STM32F730V8 Datasheet HTML 3Page - STMicroelectronics STM32F730V8 Datasheet HTML 4Page - STMicroelectronics STM32F730V8 Datasheet HTML 5Page - STMicroelectronics STM32F730V8 Datasheet HTML 6Page - STMicroelectronics STM32F730V8 Datasheet HTML 7Page - STMicroelectronics STM32F730V8 Datasheet HTML 8Page - STMicroelectronics STM32F730V8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 202 page
background image
STM32F730x8
2/202
DS12536 Rev 2
– 1 x CAN (2.0B active)
– 2 x SDMMCs
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with
dedicated DMA, on-chip full-speed
PHY and on-chip Hi-speed PHY or
ULPI depending on the part number
• AES: 128/256-bit key encryption
hardware accelerator
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware
calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F730x8
STM32F730R8, STM32F730V8, STM32F730Z8, STM32F730I8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More