| データシートサーチシステム |
|
STM32WB55CC データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 193 page ![]() DS11929 Rev 11 49/193 STM32WB55xx STM32WB35xx Functional overview 57 3.18 Liquid crystal display controller (LCD) The STM32WB55xx devices embed an LCD controller with the following characteristics: Highly flexible frame rate control. Supports Static, 1/2, 1/3, 1/4 and 1/8 duty. Supports Static, 1/2, 1/3 and 1/4 bias. Double buffered memory allows data in LCD_RAM registers to be updated at any time by the application firmware without affecting the integrity of the data displayed. – LCD data RAM of up to 16 x 32-bit registers which contain pixel information (active/inactive) Software selectable LCD output voltage (contrast) from VLCDmin to VLCDmax. No need for external analog components: – A step-up converter is embedded to generate an internal VLCD voltage higher than VDD (up to 3.6 V if VDD > 2.0 V) – Software selection between external and internal VLCD voltage source. In case of an external source, the internal boost circuit is disabled to reduce power consumption – A resistive network is embedded to generate intermediate VLCD voltages – The structure of the resistive network is configurable by software to adapt the power consumption to match the capacitive charge required by the LCD panel – Integrated voltage output buffers for higher LCD driving capability. The contrast can be adjusted using two different methods: – When using the internal step-up converter, the software can adjust VLCD between VLCDmin and VLCDmax – Programmable dead time (up to eight phase periods) between frames. Full support of low-power modes: the LCD controller can be displayed in Sleep, Low-power run, Low-power sleep and Stop modes, or can be fully disabled to reduce power consumption. Built in phase inversion for reduced power consumption and EMI (electromagnetic interference). Start of frame interrupt to synchronize the software when updating the LCD data RAM. Blink capability: – 1, 2, 3, 4, 8 or all pixels can be programmed to blink at a configurable frequency – Software adjustable blink frequency to achieve around 0.5 Hz, 1 Hz, 2 Hz or 4 Hz. Used LCD segment and common pins should be configured as GPIO alternate functions and unused segment and common pins can be used for general purpose I/O or for another peripheral alternate function. Note: When the LCD relies on the internal step-up converter, the VLCD pin should be connected to VSS with a capacitor. Its typical value is 1 μF. 3.19 True random number generator (RNG) The devices embed a true RNG that delivers 32-bit random numbers generated by an integrated analog circuit. |