| データシートサーチシステム |
|
STM32WB55CC データシート(PDF) 178 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC データシート(HTML) 178 Page - STMicroelectronics |
|
178 / 193 page ![]() Package information STM32WB55xx STM32WB35xx 178/193 DS11929 Rev 11 Figure 45. VFQFPN68 recommended footprint 1. Dimensions are expressed in millimeters. Device marking for VFQFPN68 Figure 45 gives an example of topside marking orientation versus pin 1 identifier location. The printed markings may differ depending on the supply chain. Other optional marking or inset/upset marks, which identify the parts throughout supply chain operations, are not indicated below. E 7.85 8.00 8.15 0.3091 0.3150 0.3209 E2 6.30 6.40 6.50 0.2480 0.2520 0.2559 e - 0.40 - - 0.0157 - L 0.40 0.50 0.60 0.0157 0.0197 0.0236 ddd - - 0.08 - - 0.0031 1. Values in inches are converted from mm and rounded to four decimal digits. Table 104. VFQFPN68 mechanical data (continued) Symbol millimeters inches(1) Min Typ Max Min Typ Max B029_VFQFPN68_FP_V2 8.30 7.00 6.65 0.82 6.40 0.65 0.40 0.25 0.15 |