| データシートサーチシステム |
|
STM32WB35CC データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CC データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 193 page ![]() DS11929 Rev 11 29/193 STM32WB55xx STM32WB35xx Functional overview 57 Figure 7. STM32WB55xx - Power supply overview 1. The USB transceiver is powered by VDDUSB, and the GPIOs associated with USB are powered by VDDUSB when USB alternate function (PA11 and PA12) is selected. When USB alternate function is not selected the GPIOs associated with USB are powered as standard GPIOs. MS41410V7 VBAT IOs Wakeup domain (VDDIO) Analog domain Interruptible domain (VDD12I) Switch domain (VSW) (CPU1, CPU2, peripherals, SRAM1, SRAM2b) Power switch VBAT ADC VDDA VREF+ VREF- VSSA VDD HSI, HSE1, 2xPLL, LSI1, LSI2, IWDG, RF IOs VSS REF_BUF VSS IO logic VREF+ VSW LSE, RTC, backup registers IO logic Backup domain SMPS Power switch VSS VBKP12 SRAM2a Power switch VSS On domain (VDD12O) Power switch VSS SysConfig, AIEC, RCC, PwrCtrl, LPTIM, LPUSART = = VUSB IOs USB domain (VUSB) VSS VSS USB transceiver (1) VDDUSB LCD VLCD LPR MR RFR VLXSMPS VFBSMPS VDDSMPS RF domain Radio VDDRF VSSRF (including exposed pad) VSS VSSSMPS VSS VSS |