| データシートサーチシステム |
|
SPC56EL70L5DISP データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L5DISP データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() System requirements, HW and SW resources SPC56L-Discovery 2/4 DB2005 Rev 3 1 System requirements, HW and SW resources 1.1 System requirements Windows PC (2000, XP, Vista) PSU: Input 100-240 Vac (EU plug). Output 12V-2A 1.2 Development toolchain SPC5Studio (includes Hightec GNU "C" compiler, with a 30-days full free trial license) SPC5-UDESTK 1.3 Demonstration software Demonstration software is preloaded in the MCU flash memory for easy demonstration of the SPC56EL70L5 in stand-alone mode. For more information and to download the latest version available, please refer to www.st.com/SPC56Ldiscovery and www.st.com/spc5studio. |