| データシートサーチシステム |
|
STSW-IOD04K データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSW-IOD04K データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() 1 Solution overview This reference design targets IO-Link based applications, that is, smart industrial sensors that feature easy configuration, remote monitoring, reduced wiring, advanced diagnostics, and easy device replacement. The main board (STEVAL-IOD004V1) has been designed with few ICs. Taking this into consideration, smart- sensing applications can benefit from the L6364W dual-channel transceiver. For example, the ISM330DHCX inertial module can monitor a robotic arm (for vibration and compensation) while the IIS2MDC can detect the magnetic field, providing a warning along the supplementary channel. Figure 1. STEVAL-IOD004V1 functional block diagram STEVAL-IOD04KT1 Solution overview DB4571 - Rev 2 page 3/10 |