| データシートサーチシステム |
|
STM32L011E4 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L011E4 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 119 page ![]() DocID027973 Rev 5 17/119 STM32L011x3/4 Functional overview 32 Table 5. Functionalities depending on the working mode (from Run/active down to standby) (1)(2) IPs Run/Active Sleep Low- power run Low- power sleep Stop Standby Wakeup capability Wakeup capability CPU Y - Y - - - - - Flash memory O O O O - - - - RAM Y Y Y Y Y - - - Backup registers Y Y Y Y Y - Y - EEPROM O O O O - - - - Brown-out reset (BOR) OO O O O O O O DMA O O O O - - - - Programmable Voltage Detector (PVD) OO O O O O - - Power-on/down reset (POR/PDR) YY Y Y Y Y Y Y High Speed Internal (HSI) OO - - (3) -- - High Speed External (HSE) OO O O - - - - Low Speed Internal (LSI) OO O O O - O - Low Speed External (LSE) OO O O O - O - Multi-Speed Internal (MSI) OO Y Y - - - - Inter-Connect Controller YY Y Y Y - - - RTC O O O O O O O - RTC Tamper O O O O O O O O Auto WakeUp (AWU) OO O O O - O O USART O O O O O(4) O- - LPUART O O O O O(4) O- - SPI O O O O - - - I2C O O O O O(5) O- - ADC O O - - - - - - Temperature sensor OO O O O - - - |