データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSC2133 データシート(PDF) 4 Page - Microchip Technology

部品番号 DSC2133
部品情報  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 データシート(HTML) 4 Page - Microchip Technology

  DSC2133 Datasheet HTML 1Page - Microchip Technology DSC2133 Datasheet HTML 2Page - Microchip Technology DSC2133 Datasheet HTML 3Page - Microchip Technology DSC2133 Datasheet HTML 4Page - Microchip Technology DSC2133 Datasheet HTML 5Page - Microchip Technology DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DSC2133/DSC2233
DS20006231A-page 4
2022 Microchip Technology Inc. and its subsidiaries
2.0
NOMINAL PERFORMANCE CURVES
FIGURE 2-1:
Phase Jitter (Integrated
Phase Noise).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16