データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB1602 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STUSB1602
部品情報  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 データシート(HTML) 7 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 3Page - STMicroelectronics STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
2.3.19
VDD
This is the power supply from the USB power line for applications powered by VBUS.
In source power role, this pin can be used to sense the voltage level of the main power supply providing the VBUS.
It allows UVLO and OVLO thresholds to be considered independently on the VDD pin as additional conditions to
enable the VBUS power path through the VBUS_EN_SRC pin (see Section 3.3.3 VBUS power path assertion).
When the UVLO threshold detection is enabled, the VDD pin must be connected to the main power supply to
establish the connection and to assert the VBUS power path.
STUSB1602
Pin description
DS11254 - Rev 5
page 7/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39