| データシートサーチシステム |
|
SPC572L60F2 データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC572L60F2 データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 112 page ![]() Electrical characteristics SPC572Lx 38/112 DocID027866 Rev 5 Figure 9. Noise filtering on reset signal VIL VIH VDD filtered by hysteresis filtered by lowpass filter WFRST WNFRST filtered by lowpass filter WFRST unknown reset state device under hardware reset internal reset 1 2 3a 3b 3c VHYS VPORST, VESR0 Table 19. Reset electrical characteristics Symbol Parameter Conditions Value Unit Min Typ Max VIH SR P Input high level TTL (Schmitt trigger) — 2.0 — VDD_HV_IO +0.4 V VIL SR P Input low level TTL (Schmitt trigger) — –0.4 — 0.8 V VHYS CC C Input hysteresis TTL (Schmitt trigger) — 275 — — mV VDD_POR CC C Minimum supply for strong pull-down activation —— — 1.2 V |